PART |
Description |
Maker |
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
FAN2514S25X FAN2514S26X FAN2514S27X FAN2514S285X F |
Low-dropout Voltage Regulator 200 mA CMOS LDO Regulators with Fast Start Enable 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 200 mA CMOS LDO Regulators with Fast Start Enable 3.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 200 mA CMOS LDO Regulators with Fast Start Enable 2.85 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 2.6 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC1224-XXVCT TC1223 TC1223-XXVCT TC1223-5.0VCTTR T |
5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 50mA and 100mA CMOS LDOs with Shutdown The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the ... The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the devices CMOS constructio neliminates wasted
|
MICROCHIP[Microchip Technology]
|
BH26M0AWHFV-TR BH30M0AWHFV-TR BH33M0AWHFV-TR BH20M |
1ch 300mA CMOS LDO Regulators
|
Rohm
|
BH33NB1WHFV BH33NB1WHFV-TR BH25NB1WHFV BH30NB1WHFV |
1ch 150mA CMOS LDO Regulators
|
ROHM
|
SP6205EM5 SP6205EM5-1-8 SP6203EM5-2-7/TR SP6205EM5 |
Low Noise, 300mA and 500mA CMOS LDO Regulators 2.7 V FIXED POSITIVE LDO REGULATOR, PDSO5 MO-178AA, SOT-23, 5 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, DSO8
|
Sipex Corporation NXP Semiconductors N.V.
|
BH30RB1WGUT-E2 |
Ultra Small Package CMOS LDO Regulators
|
Rohm
|
ILC7080 ILC7081AIM5-30 ILC7081AIM5ADJX 69190-405 G |
50/100M SOT-23 CMOS RF LDO REGULATORS 50/100M的SOT - 23 CMOS射频LDO稳压
|
IMPALA[Impala Linear Corporation]
|
SP6203EM5 SP6205ER_TR SP6203 SP6203_07 SP6203EM5_T |
Low Noise, 300mA and 500mA CMOS LDO Regulators
|
SIPEX[Sipex Corporation]
|
TC110713 |
300mA CMOS LDO with Shutdown and VREF Bypass Linear Regulators
|
Microchip Technology Microchip Technology, Inc.
|
BUXXTA2WHFV BUXXTA2WNVX BU18TA2WNVX-TR BU29TA2WHFV |
High-speed Load Response FULL CMOS LDO Regulators
|
Rohm
|